Part Number Hot Search : 
325HS C4054 AP3201A N120B 18F67 LA383X BAV199 NTC10D11
Product Description
Full Text Search
 

To Download R1LV1616RSD-8SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R1LV1616R Series
16Mb superSRAM (1M wordx16bit)
REJ03C0101-0100Z Rev.1.00 2004.04.13
Description
The R1LV1616R Series is a family of low voltage 16-Mbit static RAMs organized as 1048576-words by 16-bit, fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies. The R1LV1616R Series is suitable for memory applications where a simple interfacing , battery operating and battery backup are the important design objectives. The R1LV1616R Series is packaged in a 52pin micro thin small outline mount device[TSOP / 10.79mm x 10.49mm with the pin-pitch of 0.4mm] or a 48balls fine pitch ball grid array [f-BGA / 7.5mmx8.5mm with the ball-pitch of 0.75mm and 6x8 array] . It gives the best solution for a compaction of mounting area as well as flexibility of wiring pattern of printed circuit boards.
Features
* Single 2.7-3.6V power supply * Small stand-by current:2A (3.0V, typ.) * Data retention supply voltage =2.0V * No clocks, No refresh * All inputs and outputs are TTL compatible * Easy memory expansion by CS1#, CS2, LB# and UB# * Common Data I/O * Three-state outputs: OR-tie capability * OE# prevents data contention on the I/O bus * Process technology: 0.15um CMOS
Rev.1.00
2004.04.13
page 1 of 16
R1LV1616R Series
Ordering Information
Type No. R1LV1616RSD-7S% R1LV1616RSD-8S% R1LV1616RBG-7S% R1LV1616RBG-8S% Access time 70 ns 85 ns 70 ns 7.5mmx8.5mm f-BGA 0.75mm pitch 48ball 85 ns Package 350-mil 52-pin plastic - TSOP(II) (normal-bend type) (52PTG)
% - Temperature version; see table below % R W I Temperature Range 0 ~ +70 C -20 ~ +85 C -40 ~ +85 C
Rev.1.00
2004.04.13
page 2 of 16
R1LV1616R Series
Pin Arrangement
52-pin TSOP
A15 A14 A13 A12 A11 A10 A9 A8 A19 CS1# WE# NC NC Vcc CS2 NC NC A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 A16 BYTE# UB# Vss LB# DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 NC DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# Vss NC A0
48-pin fBGA
1 A B C D E F G H
LB#
2
OE#
3
A0 A3 A5 A17
Vss or NC
4
A1 A4 A6 A7 A16 A15 A13 A10
5
A2
CS1#
6
CS2
DQ0
DQ15
UB#
DQ13
DQ14
DQ1
DQ2
Vss Vcc
DQ10
DQ12
DQ3
Vcc Vss
DQ5
DQ11
DQ4
DQ9 A19 A8
A14 A12 A9
DQ6
DQ8
WE# A11
DQ7
A18
N.C.
Pin Description Pin name
A0 to A19 DQ 0 to DQ15 CS1# &CS2 WE# OE# LB# UB# Vcc Vss BYTE# NC
Function
Address input Data input/output Chip select Write enable Output enable Lower byte select Upper byte select Power supply Ground Byte (x8 mode) enable input Non connection
Rev.1.00
2004.04.13
page 3 of 16
R1LV1616R Series
Block Diagram
SENSE Amp.
DQ0
DATA SELECTOR
OUTPUT BUFFER
ADDRESS BUFFER
A0
Memory Array
DECODER
SENSE Amp.
A19 CS2 CS1# LB# UB# BYTE# WE# OE#
OUTPUT BUFFER
1048576 Words x 16BITS OR 2097152 Words x 8BITS CLOCK GENERATOR
DQ7 DQ8 DQ15 / A-1
DATA SELECTOR
DATA INPUT BUFFER
Vcc Vss
Note. BYTE# pin supported by only TSOP type.
Rev.1.00
2004.04.13
page 4 of 16
DATA INPUT BUFFER
x8/x16 SWITCHING CIRCUIT
R1LV1616R Series
Operating Table
CS1# H X X L L L L L L L L L CS2 X L X H H H H H H H H H BYTE# X X H H H X H H H H L L LB# X X H L L X H H L L L L UB# X X H H H X L L L L L L WE# X X X L H H L H L H L H OE# X X X X L H X L X L X L DQ0-7 High-Z High-Z High-Z Din Dout High-Z High-Z High-Z Din Dout Din Dout DQ8-14 High-Z High-Z High-Z High-Z High-Z High-Z Din Dout Din Dout High-Z High-Z DQ15 High-Z High-Z High-Z High-Z High-Z High-Z Din Dout Din Dout A-1 A-1 Operation Stand by Stand by Stand by Write in lower byte Read from lower byte Output disable Write in upper byte Read from upper byte Write Read Write Read
Note 1. H:VIH L:VIL X: VIH or VIL 2. BYTE# pin supported by only TSOP type. When apply BYTE# ="L" , please assign LB#=UB#="L".
Absolute Maximum Ratings Parameter
Power supply voltage relative to Vss Terminal voltage on any pin relation toVss Power dissipation
Symbol
Vcc VT PT R ver.
Value
-0.5 to +4.6 -0.5*1 to Vcc+0.3*2 0.7 0 to +70 -20 to +85 -40 to +85 -65 to +150 R ver. 0 to +70 -20 to +85 -40 to +85
Unit
V V W C C C C C C C
Operation temperature
Topr
W ver. I ver.
Storage temperature
Tstg
Storage temperature range under bias
Tbias
W ver. I ver.
Note 1. -2.0V in case of AC (Pulse width 30ns) 2. Maximum voltage is +4.6V
Rev.1.00
2004.04.13
page 5 of 16
R1LV1616R Series
Recommended Operating Conditions Parameter
Supply voltage Input high voltage Input low voltage R ver. Ambient temperature range W ver. I ver. Ta
Symbol
Vcc Vss VIH VIL
Min.
2.7 0 2.4 -0.2 0 -20 -40
Typ.
3.0 0 -
Max.
3.6 0 Vcc+0.2 0.4 +70 +85 +85
Unit
V V V V C C C
Note
1 2 2 2
Note 1. -2.0V in case of AC (Pulse width 30ns) 2. Ambient temperature range depends on R/W/I-version. Please see table on page 2.
DC Characteristics Parameter
Input leakage current Output leakage current
Symbol |ILI| |ILo|
Min.
-
Typ.*1
-
Max.
1 1
Unit
A A
Test conditions*2
Vin=Vss to Vcc CS1# =VIH or CS2=VIL or OE# = VIH or WE# =VIL or LB# =UB# =VIH,VI/O=Vss to Vcc Min. cycle, duty =100% I I/O = 0 mA, CS1# =VIL, CS2=VIH Others = VIH / VIL Cycle time = 1 s, I I/O = 0 mA, CS1# 0.2V, CS2 VCC-0.2V VIH VCC-0.2V , VIL 0.2V, Write & Read duty=100% respectively CS2=VIL ~+25C ~+40C ~+70C ~+85C
V in 0V (1) 0VCS20.2V or (2) CS2Vcc-0.2V, CS1# Vcc-0.2V or (3)LB# =UB# Vcc-0.2V, CS2Vcc-0.2V, CS1# 0.2V Average value
Icc1
Average operating current
-
45
55
mA
Icc2
Write
-
15
20
mA
Icc2
Read
-
10 0.1 2 4 -
15 0.3 6 12 25 40 0.4
mA mA A A A A V V
Standby current
ISB
Standby current
ISB1
-
Output hige voltage Output Low voltage
VOH VOL
2.4 -
IOH = -1mA IOL = 2mA
Note 1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25C), and not 100% tested. 2. BYTE# pin supported by only TSOP type. BYTE# Vcc-0.2V or BYTE# 0.2V
Rev.1.00
2004.04.13
page 6 of 16
R1LV1616R Series
Capacitance
(Ta = +25C, f =1MHz)
Parameter
Input capacitance Input / output capacitance
Symbol
C in C I/O
Min.
-
Typ.
-
Max.
10 10
Unit
pF pF
Test conditions
V in = 0V V I/O = 0V
Note
1 1
Note 1:This parameter is sampled and not 100% tested.
AC Characteristics
Test Conditions (Vcc=2.7~3.6V, Ta = 0~+70C / -20~+85C / -40~+85C *) * Input pulse levels: VIL= 0.4V,VIH=2.4V * Input rise and fall time : 5ns * Input and output timing reference levels : 1.4V * Output load : See figures (Including scope and jig) 1.4V RL=500 DQ CL=30pF
Note: Temperature range depends on R/W/I-version. Please see table on page 2.
Rev.1.00
2004.04.13
page 7 of 16
R1LV1616R Series
Read Cycle
Parameter Read cycle time Address access time Chip select access time Output enable to output valid Output hold from address change LB#,UB# access time Chip select to output in low-Z LB#,UB# enable to low-Z Output enable to output in low-Z Chip deselect to output in high-Z LB#,UB# disable to high-Z Output disable to output in high-Z Symbol R1LV1616R**-7S Min. Max. 70 10 10 5 5 0 0 0 0 70 70 70 35 70 25 25 25 25 R1LV1616R**-8S Min. Max. 85 10 10 5 5 0 0 0 0 85 85 85 45 85 30 30 30 30 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns 2,3 2,3 2,3 1,2,3 1,2,3 1,2,3 1,2,3 Notes
tRC tAA tACS1 tACS2 tOE tOH tBA tCLZ tBLZ tOLZ tCHZ1 tCHZ2 tBHZ tOHZ
Rev.1.00
2004.04.13
page 8 of 16
R1LV1616R Series
Write Cycle
Parameter Write cycle time Address valid to end of write Chip selection to end of write Write pulse width LB#,UB# valid to end of write Address setup time Write recovery time Data to write time overlap Data hold from write time Output active from end of write Output disable to output in high-Z Write to output in high-Z Symbol R1LV1616R**-7S Min. Max. 70 65 65 55 65 0 0 35 0 5 0 0 25 25 R1LV1616R**-8S Min. Max. 85 70 70 60 70 0 0 40 0 5 0 0 30 30 Unit ns ns ns ns ns ns ns ns ns ns ns ns 2 1,2 1,2 6 7 5 4 Notes
tWC tAW tCW tWP tBW tAS tWR tDW tDH tOW tOHZ tWHZ
Note1. tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels. 2. This parameter is sampled and not 100% tested. 3. AT any given temperature and voltage condition, tHZ max is less than tLZ min both for a given device and form device to device. 4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#. A write begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB# going low or UB# going low . A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going high and LB# going high or UB# going high. tWP is measured from the beginning of write to the end of write. 5. tCW is measured from the later of CS1# going low or CS2 going high to end of write. 6. tAS is measured the address valid to the beginning of write. 7. tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.
Rev.1.00
2004.04.13
page 9 of 16
R1LV1616R Series Byte enable (supported by only 52-pin TSOP ) Parameter Byte setup time Byte recovery time Symbol R1LV1616R**-7S Min. Max. 5 5 R1LV1616R**-8S Min. Max. 5 5 Unit ms ms Notes
tBS tBR
BYTE# Timing Waveform
CS2 CS1#
tBS
BYTE#
tBR
Rev.1.00
2004.04.13
page 10 of 16
R1LV1616R Series
Timing Waveform
Read Cycle
tRC
A0~19
(Word Mode)
Valid address
A-1~19
(Byte Mode)
tAA tBA
tOH
LB#,UB#
tBHZ
CS1#
tACS1 tCHZ1
CS2
tACS2 tCHZ2 tOE
OE#
WE# = "H" level
DQ0~15
(Word Mode)
tOLZ tCLZ tBLZ
tOHZ
Valid data
DQ0~7
(Byte Mode)
Rev.1.00
2004.04.13
page 11 of 16
R1LV1616R Series Write Cycle (1) (WE# Clock)
tWC
A0~19
(Word Mode)
A-1~19
(Byte Mode)
Valid address
tBW tCW tCW tAW tAS tWP tWHZ tDW tWR tOW tDH
LB#,UB# CS1#
CS2
WE#
DQ0~15
(Word Mode)
Valid data
DQ0~7
(Byte Mode)
Rev.1.00
2004.04.13
page 12 of 16
R1LV1616R Series Write Cycle (2) (CS1# ,CS2 Clock, OE#=VIH)
tWC
A0~19
(Word Mode)
A-1~19
(Byte Mode)
Valid address
tBW
LB#,UB#
CS1#
tAS
CS2
tCW tCW tWP tDW
tWR
WE# DQ0~15
(Word Mode)
tDH
DQ0~7
(Byte Mode)
Valid data
Rev.1.00
2004.04.13
page 13 of 16
R1LV1616R Series Write Cycle (3) ( LB#,UB# Clock, OE#=VIH)
A0~19
(Word Mode)
tWC
Valid address
A-1~19
(Byte Mode)
tAS
tBW
tWR
LB#,UB# CS1#
tCW tCW
CS2
WE#
tWP tDW tDH
DQ0~15
(Word Mode)
DQ0~7
(Byte Mode)
Valid data
Rev.1.00
2004.04.13
page 14 of 16
R1LV1616R Series
Data Retention Characteristics
Parameter Symbol MIn. Typ.*1 Max. Unit Test conditions*2,3
V in 0V (1) 0V CS2 0.2V or (2) CS2 Vcc-0.2V, CS1# Vcc-0.2V or (3) LB# =UB# Vcc-0.2V, CS2 Vcc-0.2V, CS1# 0.2V
Vcc for data retention
VDR
2.0
-
3.6
V
Data retention current
2 4 -
6 12 25 40 -
A A A A ns
~+25C Vcc=3.0V,Vin0V ~+40C ~+70C ~+85C
IccDR
-
(1) 0V CS2 0.2V or (2) CS2 Vcc-0.2V, CS1# Vcc-0.2V or (3) LB# =UB# Vcc-0.2V, CS2 Vcc-0.2V, CS1# 0.2V Average value
Chip deselect to data retention time Operation recovery time
tCDR tR
0 5
See retention waveform ms
Note 1. Typical parameter of IccDR indicates the value for the center of distribution at Vcc=3.0V and not 100% tested. 2. BYTE# pin supported by TSOP type. BYTE# Vcc-0.2V or BYTE# 0.2V 3. Also CS2 controls address buffer, WE# buffer ,CS1# buffer ,OE# buffer ,LB# ,UB# buffer and Din buffer .If CS2 controls data retention mode,Vin levels (address, WE# ,OE#,CS1#,LB#,UB#,I/O) can be in the high impedance state. If CS1# controls data retention mode, CS2 must be CS2 Vcc-0.2V or 0V CS2 0.2V. The other input levels (address, WE# ,OE#,CS1#,LB#,UB#,I/O) can be in the high impedance state.
Data Retention timing Waveform (1) (LB#,UB# Controlled) Vcc
tCDR
2.4V LB# UB#
2.70V
tR
2.4V
LB# =UB# Vcc-0.2V
Data Retention timing Waveform (2) (CS1# Controlled) Vcc
tCDR
2.4V CS1#
2.70V
tR
2.4V
CS1# Vcc-0.2V
Data Retention timing Waveform (3) (CS2 Controlled) Vcc CS2
tCDR
0.2V
2.70V
tR
0.2V
0V CS2 0.2V
Rev.1.00 2004.04.13 page 15 of 16
R1LV1616R Series
Sales Strategic Planning Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Keep safety first in your circuit designs!
1. Renesas Technology Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap.
Notes regarding these materials
1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corporation product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corporation or a third party. 2. Renesas Technology Corporation assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corporation or an authorized Renesas Technology Corporation product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corporation assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corporation by various means, including the Renesas Technology Corporation Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corporation assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corporation or an authorized Renesas Technology Corporation product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corporation is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corporation for further details on these materials or the products contained therein.
http://www.renesas.com
Copyright (c) 2004. Renesas Technology Corporation, All rights reserved. Printed in Japan.
Rev.1.00
2004.04.13
page 16 of 16


▲Up To Search▲   

 
Price & Availability of R1LV1616RSD-8SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X